| データシートサーチシステム |
|
SPEAR320S データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 113 page ![]() Pin description SPEAr320S 50/113 Doc ID 022508 Rev 2 Table 18. EMI signals description Signal name Description Dir. PL_GPIO_# /Ball Configuration mode EMI_A0 Address bus O PL_GPIO_97/H16 3, Extended EMI_A1 PL_GPIO_96/H15 3, Extended EMI_A2 PL_GPIO_95/H14 3, Extended EMI_A3 PL_GPIO_94/H13 3, Extended EMI_A4 PL_GPIO_93/G17 3, Extended EMI_A5 PL_GPIO_92/G16 3, Extended EMI_A6 PL_GPIO_91/G15 3, Extended EMI_A7 PL_GPIO_90/G14 3, Extended EMI_A8 PL_GPIO_89/F17 3, Extended EMI_A9 PL_GPIO_88/F16 3, Extended EMI_A10 PL_GPIO_87/G13 3, Extended EMI_A11 PL_GPIO_86/E17 3, Extended EMI_A12 PL_GPIO_85/F15 3, Extended EMI_A13 PL_GPIO_84/D17 3, Extended EMI_A14 PL_GPIO_83/E16 3, Extended EMI_A15 PL_GPIO_82/E15 3, Extended EMI_A16 PL_GPIO_81/C17 3, Extended EMI_A17 PL_GPIO_80/D16 3, Extended EMI_A18 PL_GPIO_79/F14 3, Extended EMI_A19 PL_GPIO_78/D15 3, Extended EMI_A20 PL_GPIO_77/B17 3, Extended EMI_A21 PL_GPIO_76/F13 3, Extended EMI_A22 PL_GPIO_75/E14 3, Extended EMI_A23 PL_GPIO_74/C16 3, Extended EMI_BYTEN0 Byte_enables are provided to validate the data present on the bus when high data is valid. IO PL_GPIO_51/D10 3, Extended EMI_BYTEN1 PL_GPIO_50/A12 3, Extended EMI_CE0 EMI Chip selects, derived from internal address decoding (kept disabled during NAND_Flash cycles) O PL_GPIO_55/A13 3, Extended EMI_CE1 PL_GPIO_54/E10 3, Extended EMI_CE2 PL_GPIO_53/D11 3, Extended EMI_CE3 PL_GPIO_52/B12 3, Extended |