データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS3170AF データシート(PDF) 7 Page - STMicroelectronics

部品番号 STPS3170AF
部品情報  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3170AF データシート(HTML) 7 Page - STMicroelectronics

Back Button STPS3170AF Datasheet HTML 2Page - STMicroelectronics STPS3170AF Datasheet HTML 3Page - STMicroelectronics STPS3170AF Datasheet HTML 4Page - STMicroelectronics STPS3170AF Datasheet HTML 5Page - STMicroelectronics STPS3170AF Datasheet HTML 6Page - STMicroelectronics STPS3170AF Datasheet HTML 7Page - STMicroelectronics STPS3170AF Datasheet HTML 8Page - STMicroelectronics STPS3170AF Datasheet HTML 9Page - STMicroelectronics STPS3170AF Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DocID027020 Rev1
7/10
STPS3170
Package information
Figure 15. SMBflat dimensions definitions
Table 6. SMBflat dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.155
E
5.10
5.60
0.200
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.029
0.059
L1
0.40
0.016
L2
0.60
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10