データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR1550 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STR1550
部品情報  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR1550 データシート(HTML) 6 Page - STMicroelectronics

  STR1550 Datasheet HTML 1Page - STMicroelectronics STR1550 Datasheet HTML 2Page - STMicroelectronics STR1550 Datasheet HTML 3Page - STMicroelectronics STR1550 Datasheet HTML 4Page - STMicroelectronics STR1550 Datasheet HTML 5Page - STMicroelectronics STR1550 Datasheet HTML 6Page - STMicroelectronics STR1550 Datasheet HTML 7Page - STMicroelectronics STR1550 Datasheet HTML 8Page - STMicroelectronics STR1550 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
STR1550
6/9
DocID022364 Rev 5
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9. SOT-23 drawings
0053390_I



Html Pages

1 2 3 4 5 6 7 8 9