データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L2G3IS データシート(PDF) 23 Page - STMicroelectronics

部品番号 L2G3IS
部品情報  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS データシート(HTML) 23 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics L2G3IS Datasheet HTML 22Page - STMicroelectronics L2G3IS Datasheet HTML 23Page - STMicroelectronics L2G3IS Datasheet HTML 24Page - STMicroelectronics L2G3IS Datasheet HTML 25Page - STMicroelectronics L2G3IS Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID024950 Rev 3
23/26
L2G3IS
Soldering information
26
8
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26