| データシートサーチシステム |
|
L9779WD データシート(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD データシート(HTML) 91 Page - STMicroelectronics |
|
91 / 170 page ![]() DocID027452 Rev 5 91/170 L9779WD Functional description 169 Note: When those four single Lside and four single Hside are configured as parallel configuration, for example 2 single Lside stage to 1 Lside stage or 4 single Lside stage to 1 Lside stage, the Rdson could be 1/2 or 1/4 as one single stage, the over current threshold could be roughly double or 4 times as single stage, but the over current detected filter time will be increased to 2 times as single stage from 4 µs typical to 8 µs typical by L9779WD itself, because each single stage will switch on its own overcurrent threshold no matter the configuration for off stage diagnostic, all thresholds will be kept as single stage whatever the configuration of those 4 Lside/Hside. 4Low 4High 0 0 1 1 0 0 0 1 1 1 0 0 0 1 0 0 OUT22 and OUT24 and OUT27 and OUT28 Low side Parallel OUT21 and OUT23 and OUT25 and OUT26 High side Parallel OUT24 OUT23 OUT22 OUT21 2Low 2High 0 0 1 1 0 1 1 0 OUT27 and OUT28 Low side Parallel OUT21 and OUT23 High side Parallel OUT27 OUT23 OUT27 OUT21 2Low 2Low 2High 2High 0 0 1 0 1 1 1 0 0 1 1 1 0 1 0 0 OUT22 and OUT24 Low side Parallel OUT27 and OUT28 Low side Parallel OUT21 and OUT23 High side Parallel OUT25 and OUT26 High side Parallel OUT24 OUT27 OUT23 OUT25 OUT22 OUT27 OUT21 OUT26 4Low 2High 0 1 0 1 0 1 1 0 OUT22 and OUT24 and OUT27 and OUT28 Low side Parallel OUT21 and OUT23 High side Parallel OUT24 OUT23 OUT22 OUT21 4Low 2High 0 0 0 1 1 0 0 0 OUT22 and OUT24 and OUT27 and OUT28 Low side Parallel OUT25 and OUT26 High side Parallel OUT24 OUT25 OUT22 OUT25 2Low 4High 0 1 0 0 0 0 1 0 OUT22 and OUT24 Low side Parallel OUT21 and OUT23 and OUT25 and OUT26 High side Parallel OUT24 OUT23 OUT22 OUT25 2Low 4High 0 1 0 0 0 1 0 0 OUT27 and OUT28 Low side Parallel OUT21 and OUT23 and OUT25 and OUT26 High side Parallel OUT27 OUT23 OUT27 OUT25 Half Bridge 2Low 2High 10 110 110 OUT22 and OUT24 Low side Parallel OUT21 and OUT23 High side Parallel OUT24 OUT23 OUT22 OUT21 Table 40. CPS table combined mode parallelism (continued) Register bit 7 6 5 4 3 2 1 0 Over current mask time increased to 8 µs Enable by Diagn on |