| データシートサーチシステム |
|
L9779WD データシート(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD データシート(HTML) 102 Page - STMicroelectronics |
|
102 / 170 page ![]() Functional description L9779WD 102/170 DocID027452 Rev 5 Figure 64. VRS interface block diagram Note: For a single IC, there is no overlap of parameters PVX (PV1<PV2<PV3<PV4)and HIX(HI1<HI2<HI3<HI4<HI5), which are guaranteed by design Table 44. Pick voltage detector precision Pick voltage [PV] Min Typ Max Unit PV1 600 930 1300 mV PV2 1200 1600 1950 mV PV3 1990 2300 2660 mV PV4 2600 3000 3380 mV Table 45. Hysteresis threshold precision Hysteresis current [H] Value Unit Correspondent value on 20 kΩ ext. resistor Unit Min Typ Max Typ HI1 3 5 7 µA 100 mV HI2 7 10 13.5 µA 200 mV HI3 12.8 17 23 µA 347 mV HI4 23 32 41 µA 644 mV HI5 35 51 65 µA 1020 mV |