| データシートサーチシステム |
|
L9779WD データシート(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD データシート(HTML) 120 Page - STMicroelectronics |
|
120 / 170 page ![]() Functional description L9779WD 120/170 DocID027452 Rev 5 6.17.3 Watchdog related MSC commands RD_DATA8 (read WDA registers) CSB: command selection bit - always '1' C(5...0): command bits CD(7...0): command data bits Reads data block 8 consists of the registers WDA_RESPTIME, REQULO, REQUHI, RST_AB1_CNT. The command has no relevant data as command data bits - they may be set to '1' or '0'. WR_RESP CSB: command selection bit - always '1' C(5...0): command bits CD(7...0): command data bits Writes RESP(7...0) - the answer of the µC to the monitoring module question of the U-Chip - to the U-Chip-internal logic of the monitoring module. WR_RESPTIME CSB: command selection bit - always '1' C(5...0): command bits CD(7...0): command data bits Writes RESPTIME(5...0) to the register RESPTIME of the monitoring module. The command has CD(5...0) = RESPTIME(5...0) as command data bits; the command data bits CD7 and CD6 configure INIT_WDR (enable WDA reset) and CAN_TDI (disable CAN in case of WDA event). Table 55. RD_DATA8 Data frame CSB C(5..0) CD(7..0) RD_DATA8 1 101110 X X X X X X X X Table 56. WR_RESP Data frame CSB C(5..0) CD(7..0) WR_RESP 1 100100 RESP(7...0) Table 57. WR_RESPTIME Data frame CSB C(5..0) CD(7..0) WR_RESPTIME 1 110000 INIT_WDR, CAN_TDI, RESPTIME(5...0), |