| データシートサーチシステム |
|
L9779WD データシート(PDF) 153 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD データシート(HTML) 153 Page - STMicroelectronics |
|
153 / 170 page ![]() DocID027452 Rev 5 153/170 L9779WD Functional description 169 CONFIG_REG10 (CPS Configuration register) Configuration register 10 Address: - Type: WR_CPS Reset: 0000 0001 DIA_REG[1:5] Diagnostic register 1, 2, 3, 4, 5 Address: 0001b, 0101b, 1001b, 1101b, 0010b Type: R (Read only) Reset: 7 654 32 10 see Table 39 and 40 CPS_CONF - [7:1] See Table 39 and 40 [0] CPS_CONF 1: OUT21...OUT28 are configured as 2 full-bridge for stepper motor driving (default) 0: OUT21...OUT24 are configured as single power stages 76543 21 0 DIA_REG1 OUT4_DIAG OUT3_DIAG OUT2_DIAG OUT1_DIAG DIA_REG2 OUT8_DIAG OUT7_DIAG OUT6_DIAG OUT5_DIAG DIA_REG3 OUT14_DIAG OUT13_DIAG WDA_STATUS RESERVED OUT9_DIAG DIA_REG4 OUT18_DIAG OUT17_DIAG OUT16_DIAG OUT15_DIAG DIA_REG5 RESERVED OUT20_DIAG OUT19_DIAG DIA_REG1:[7:6] OUT4_DIAG: Diagnosis bit of power stage OUT4 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG1:[5:4] OUT3_DIAG: Diagnosis bit of power stage OUT3 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL DIA_REG1:[3:2] OUT2_DIAG: Diagnosis bit of power stage OUT2 00: Short-circuit to ground (SCG) 01: Open load (OL) 10: Short-circuit to BAT (SCB) 11: Power stage OK NO FAIL |