| データシートサーチシステム |
|
LED2472GBTR データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LED2472GBTR データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 39 page ![]() DocID024620 Rev 3 9/39 LED2472G Absolute maximum ratings 2 Absolute maximum ratings Stressing the device above the ratings listed in the Table 3 may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 3 Thermal characteristics Table 3. Absolute maximum ratings Symbol Parameter Value Unit VDD Supply voltage -0.4 to 7 V VI Digital inputs voltage -0.4 to Vdd+0.4 V OUT Driver outputs voltage (R<1:8>, G<1:8>, B<1:8>) 20 V Io Output current 80 mA IGND GND terminal current 1.9 A ESD Electrostatic discharge protection HBM human body model ±2 KV Electrostatic discharge protection MM machine model ±200 V Table 4. Thermal characteristics Symbol Parameter Value Unit Ta Operative free-air temperature range(1) -40 to +85 °C TJ-OPR Operative thermal junction temperature range -40 to +125 Tstg Storage temperature range -55 to +150 Rthja Junction-ambient thermal resistance; QFN40-EP(2) 25.3 °C/W Junction-ambient thermal resistance; TSSOP48-EP(1) 33 °C/W 1. This data must be considered in adequate power dissipation conditions. The junction temperature must be maintained below 150 °C. 2. In accordance with JEDEC standard 51-7B. The exposed pad should be soldered directly to the PCB to obtain the thermal benefits. |