| データシートサーチシステム |
|
LED2472GBTR データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LED2472GBTR データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 39 page ![]() DocID024620 Rev 3 25/39 LED2472G Digital blocks Figure 14. Iout vs. gain G-12 BLUE current gain adjustment R/W 6-bit DAC allows adjustment of the device output current in 64 steps for each range (defined by CFG-2). default: gain = 1 1 G-13 1 G-14 1 G-15 1 G-16 1 G-17 1 G-18 to G-23 Don’t care Table 11. Gain register (continued) BIT Definition Attribute read/write Register function description Default |