データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LNBH26LS データシート(PDF) 5 Page - STMicroelectronics

部品番号 LNBH26LS
部品情報  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS データシート(HTML) 5 Page - STMicroelectronics

  LNBH26LS Datasheet HTML 1Page - STMicroelectronics LNBH26LS Datasheet HTML 2Page - STMicroelectronics LNBH26LS Datasheet HTML 3Page - STMicroelectronics LNBH26LS Datasheet HTML 4Page - STMicroelectronics LNBH26LS Datasheet HTML 5Page - STMicroelectronics LNBH26LS Datasheet HTML 6Page - STMicroelectronics LNBH26LS Datasheet HTML 7Page - STMicroelectronics LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LNBH26LS
List of figures
DocID025504 Rev 1
5/33
List of figures
Figure 1: Block diagram ..............................................................................................................................6
Figure 2: Tone enable and disable timing (using an external waveform) ...................................................7
Figure 3: Tone enable and disable timing (using envelope signal) ............................................................8
Figure 4: Surge protection circuit................................................................................................................9
Figure 5: Pin connections (top view).........................................................................................................11
Figure 6: LNBH26LS DiSEqC 1.X typical application circuit ....................................................................15
Figure 7: Data validity on the I²C bus .......................................................................................................18
Figure 8: Timing diagram of I²C bus .........................................................................................................18
Figure 9: Acknowledge on the I²C bus......................................................................................................18
Figure 10: Example of writing procedure starting with first data address 0x2 ..........................................19
Figure 11: Example of reading procedure starting with first status address 0X0 .....................................20
Figure 12: QFN24L (4x4 mm) package dimensions .................................................................................28
Figure 13: Tape drawings .........................................................................................................................29
Figure 14: Reel drawings ..........................................................................................................................30
Figure 15: QFN24L (4x4) footprint recommended data (mm) ..................................................................31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33