| データシートサーチシステム |
|
LSM303AGR データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM303AGR データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 68 page ![]() Register description LSM303AGR 52/68 DocID027765 Rev 5 8.19 INT1_CFG_A (30h) The content of this register is loaded at boot. A write operation to this address is possible only after system boot. Table 56. INT1_CFG_A register AOI 6D ZHIE/ ZUPE ZLIE/ ZDOWNE YHIE/ YUPE YLIE/ YDOWNE XHIE/ XUPE XLIE/ XDOWNE Table 57. INT1_CFG_A description AOI And/Or combination of interrupt events. Default value: 0. Refer to Table 58. 6D 6-direction detection function enabled. Default value: 0. Refer to Table 58. ZHIE/ ZUPE Enable interrupt generation on Z high event or on direction recognition. Default value: 0 (0: disable interrupt request;1: enable interrupt request) ZLIE/ ZDOWNE Enable interrupt generation on Z low event or on direction recognition. Default value: 0 (0: disable interrupt request;1: enable interrupt request) YHIE/ YUPE Enable interrupt generation on Y high event or on direction recognition. Default value: 0 (0: disable interrupt request; 1: enable interrupt request.) YLIE/ YDOWNE Enable interrupt generation on Y low event or on direction recognition. Default value: 0 (0: disable interrupt request; 1: enable interrupt request.) XHIE/ XUPE Enable interrupt generation on X high event or on direction recognition. Default value: 0 (0: disable interrupt request; 1: enable interrupt request.) XLIE/ XDOWNE Enable interrupt generation on X low event or on direction recognition. Default value: 0 (0: disable interrupt request; 1: enable interrupt request.) |