| データシートサーチシステム |
|
LSM303AGR データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM303AGR データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 68 page ![]() DocID027765 Rev 5 35/68 LSM303AGR Application hints 68 5.2 High-current wiring effects High current in wiring and printed circuit traces can be culprits in causing errors in magnetic field measurements for compassing. Conductor-generated magnetic fields will add to the Earth’s magnetic field, leading to errors in compass heading computation. Keep currents higher than 10 mA a few millimeters away from the sensor IC. |