データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24512-DRMF3TP データシート(PDF) 9 Page - STMicroelectronics

部品番号 M24512-DRMF3TP
部品情報  Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-DRMF3TP データシート(HTML) 9 Page - STMicroelectronics

Back Button M24512-DRMF3TP Datasheet HTML 5Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 6Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 7Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 8Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 9Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 10Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 11Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 12Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DocID023507 Rev 5
9/40
M24512-A125
Signal description
39
2.5
VSS (ground)
VSS is the reference for the VCC supply voltage.
2.6
Supply voltage (VCC)
VCC is the supply voltage pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40