| データシートサーチシステム |
|
M24512-DRMF3TP データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24512-DRMF3TP データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 40 page ![]() Instructions M24512-A125 16/40 DocID023507 Rev 5 4.1.1 Byte Write After the device select code and the address bytes, the bus master sends one data byte. If the addressed location is Write-protected, by Write Control (WC) being driven high, the device replies with NoAck, and the location is not modified (see Figure 6). If, instead, the addressed location is not Write-protected, the device replies with Ack. The bus master terminates the transfer by generating a Stop condition, as shown in Figure 5. Figure 5. Write mode sequences with WC = 0 (data write enabled) |