| データシートサーチシステム |
|
C161PI データシート(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C161PI データシート(HTML) 5 Page - Infineon Technologies AG |
|
5 / 82 page ![]() &3, Data Sheet 3 1999-07 Introduction The C161PI is a derivative of the Infineon C166 Family of 16-bit single-chip CMOS microcontrollers. It combines high CPU performance (up to 8 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. The C161PI derivative is especially suited for cost sensitive applications. Figure 1 Logic Symbol C161PI XTAL2 XTAL1 RSTIN NMI EA RSTOUT ALE RD WR/WRL V DD VSS PORT0 16 bit PORT1 16 bit Port 2 8 bit Port 3 15 bit Port 4 7 bit Port 6 8 bit Port 5 6 bit V AREF VAGND |