データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25TA64K データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST25TA64K
部品情報  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K データシート(HTML) 11 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 7Page - STMicroelectronics ST25TA64K Datasheet HTML 8Page - STMicroelectronics ST25TA64K Datasheet HTML 9Page - STMicroelectronics ST25TA64K Datasheet HTML 10Page - STMicroelectronics ST25TA64K Datasheet HTML 11Page - STMicroelectronics ST25TA64K Datasheet HTML 12Page - STMicroelectronics ST25TA64K Datasheet HTML 13Page - STMicroelectronics ST25TA64K Datasheet HTML 14Page - STMicroelectronics ST25TA64K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
DocID027764 Rev 1
11/45
ST25TA64K
ST25TA64K memory management
15
3
ST25TA64K memory management
3.1
Memory structure
The ST25TA64K supports the NDEF Tag Application as defined in the NFC Forum Type 4
Tag. The ST25TA64K is composed of three files:
•
one Capability Container file;
•
one NDEF file;
•
one System file: this is an ST-proprietary file.
The System file contains some information on the configuration of the ST25TA64K device.
The CC file gives some information about the ST25TA64K itself and the NDEF file. The
NDEF file contains the User data.
3.1.1
File identifier
The file identifier is the value used in the Select command to select a file.
3.1.2
CC file layout
The CC file gives some information about the ST25TA64K and the NDEF file. This file is a
read-only file for the RF host and cannot be modified by issuing a write command.
The T field, Read Access and Write Access fields can be changed by the RF host by issuing
a specific process (refer to Section 7: Functional procedures).
Table 2. File identifier
File identifier
Meaning
0xE101
System file
0xE103
CC file
0x0001
NDEF file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45