| データシートサーチシステム |
|
ST25TA64K データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TA64K データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 45 page ![]() DocID027764 Rev 1 25/45 ST25TA64K RF command sets 42 Table 25 defines the R-APDU of the NDEF Select command. 5.6.6 System File Select command The RF host uses this command to select the system file. The System file is selected when this command returns "command completed" in the R- APDU. Table 26 defines the C-APDU of the command to select the System file (called System Select). Table 24. C-APDU of the NDEF Select command Name CLA INS P1 P2 Lc Data Le - 0x00 0xA4 0x00 0x0C 0x02 0x000X - Class byte Select instruction code P1 field P2 field Number of bytes of data 0x0001: first NDEF file - Table 25. R-APDU of the NDEF Select command Data SW1 SW2 Comment Length - 1 byte 1 byte - Value - 0x90 0x00 Command completed Value - 0x6A 0x82 File or application not found Table 26. C-APDU of the System File Select command Name CLA INS P1 P2 Lc Data Le - 0x00 0xA4 0x00 0x0C 0x02 0xE101 - Class byte Select instruction code P1 field P2 field Number of bytes of data System file ID - |