データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C508 データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 C508
部品情報  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 データシート(HTML) 5 Page - Infineon Technologies AG

  C508 Datasheet HTML 1Page - Infineon Technologies AG C508 Datasheet HTML 2Page - Infineon Technologies AG C508 Datasheet HTML 3Page - Infineon Technologies AG C508 Datasheet HTML 4Page - Infineon Technologies AG C508 Datasheet HTML 5Page - Infineon Technologies AG C508 Datasheet HTML 6Page - Infineon Technologies AG C508 Datasheet HTML 7Page - Infineon Technologies AG C508 Datasheet HTML 8Page - Infineon Technologies AG C508 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
Data Sheet
1
2000-08
C508
8-Bit CMOS Microcontroller
C500 Family
C508
• Fully compatible to standard 8051 microcontroller
• Superset of the 8051 architecture with 8 datapointers
• 10 to 20 MHz internal CPU clock (using built-in PLL with a factor of 2)
– external clock of 5 - 10 MHz at 50% duty cycle
– 300 ns instruction cycle time at 20 MHz CPU clock
• 32 Kbyte on-chip ROM/OTP (with optional ROM protection)
• 256 byte on-chip RAM
• 1024 byte on-chip XRAM
• Six 8-bit ports
– Ports 1 and 2 with enhanced current sinking capabilities of 10 mA
(total max. of 100 mA)
– Port 4 with pure analog/digital input channels
Further features are listed next page.
Figure 1
C508 Functional Units
MCB04022
I/O
I/O
I/O
I/O
Watchdog Timer
Timer 2
10-Bit ADC
Oscillator
Watchdog
XRAM
1 K x 8
XRAM
256 x 8
T0
T1
ROM/OTP
32 K x 8
Port 3
Port 2
Port 1
Port 0
8-Bit
USART
CPU
8 Datapointers
Port 5
Port 4
8 Digital/Analog
Inputs
I/O
10-Bit
Compare Unit
16-Bit
Capture/Compare
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com