| データシートサーチシステム |
|
STM32F401CD データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CD データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 135 page ![]() DocID025644 Rev 3 39/135 STM32F401xD STM32F401xE Pinouts and pin description 54 3C7 3 8 D1 PC14- OSC32_IN (PC14) I/O FT (2) (3) (4) EVENTOUT OSC32_IN 4C6 4 9 E1 PC15- OSC32_OUT (PC15) I/O FT (2) (3) (4) EVENTOUT OSC32_OUT - - - 10 F2 VSS S - - - - -- - 11 G2 VDD S - - - - 5D7 5 12 F1 PH0-OSC_IN (PH0) I/O FT (4) EVENTOUT OSC_IN 6D6 6 13 G1 PH1- OSC_OUT (PH1) I/O FT (4) EVENTOUT OSC_OUT 7 E7 7 14 H2 NRST I/O FT - EVENTOUT - - - 8 15 H1 PC0 I/O FT - EVENTOUT ADC1_IN10 - - 9 16 J2 PC1 I/O FT - EVENTOUT ADC1_IN11 - - 10 17 J3 PC2 I/O FT - SPI2_MISO, I2S2ext_SD, EVENTOUT ADC1_IN12 - - 11 18 K2 PC3 I/O FT - SPI2_MOSI/I2S2_SD, EVENTOUT ADC1_IN13 -- - 19 - VDD S - - - - 8 E6 12 20 - VSSA/VREF- S - - - - - - - - J1 VSSA S - - - - - - - - K1 VREF- S - - - - 9 - 13 - - VDDA/VREF+ S - - - - -- - 21 L1 VREF+ S - - - - - F7 - 22 M1 VDDA S - - - - 10 F6 14 23 L2 PA0 I/O FT (5) USART2_CTS, TIM2_CH1/TIM2_ETR, TIM5_CH1, EVENTOUT ADC1_IN0, WKUP 11 G7 15 24 M2 PA1 I/O FT - USART2_RTS, TIM2_CH2, TIM5_CH2, EVENTOUT ADC1_IN1 12 E5 16 25 K3 PA2 I/O FT - USART2_TX, TIM2_CH3, TIM5_CH3, TIM9_CH1, EVENTOUT ADC1_IN2 Table 8. STM32F401xD/xE pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |