| データシートサーチシステム |
|
STM32F303VE データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 184 page ![]() DocID026415 Rev 4 47/184 STM32F303xD STM32F303xE Pinouts and pin description 67 - 56 K8 G4 78 PD9 I/O TTa (1) EVENTOUT, USART3_RX, FMC_D14 ADC4_IN13 - 57 J12 H3 79 PD10 I/O TTa (1) EVENTOUT, USART3_CK, FMC_D15 ADC34_IN7, COMP6_INM - 58 J11 H2 80 PD11 I/O TTa (1) EVENTOUT, USART3_CTS, FMC_A16 ADC34_IN8, OPAMP4_VINP - 59 J10 H1 81 PD12 I/O TTa (1) EVENTOUT, TIM4_CH1, TSC_G8_IO1, USART3_RTS, FMC_A17 ADC34_IN9 - 60 H12 G3 82 PD13 I/O TTa (1) EVENTOUT, TIM4_CH2, TSC_G8_IO2, FMC_A18 ADC34_IN10, COMP5_INM - - - - 83 VSS S - (1) -- -- - - 84 VDD S - (1) -- - 61 H11 G2 85 PD14 I/O TTa (1) EVENTOUT, TIM4_CH3, TSC_G8_IO3, FMC_D0 ADC34_IN11, OPAMP2_VINP - 62 H10 G1 86 PD15 I/O TTa (1) EVENTOUT, TIM4_CH4, TSC_G8_IO4, SPI2_NSS, FMC_D1 COMP3_INM - - - - 87 PG2 I/O FT (1) EVENTOUT, TIM20_CH3N, FMC_A12 - - - - - 88 PG3 I/O FT (1) EVENTOUT, TIM20_BKIN, FMC_A13 - - - - - 89 PG4 I/O FT (1) EVENTOUT, TIM20_BKIN2, FMC_A14 - - - - - 90 PG5 I/O FT (1) EVENTOUT, TIM20_ETR, FMC_A15 - - - - - 91 PG6 I/O FT (1) EVENTOUT, FMC_INT2 - - - - - 92 PG7 I/O FT (1) EVENTOUT, FMC_INT3 - - - - - 93 PG8 I/O FT (1) EVENTOUT - - - - - 94 VSS S - (1) -- -- - - 95 VDD S - (1) -- Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |