| データシートサーチシステム |
|
STM32F303VE データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 184 page ![]() Pinouts and pin description STM32F303xD STM32F303xE 50/184 DocID026415 Rev 4 53 80 B10 A3 113 PC12 I/O FT - EVENTOUT, TIM8_CH3N, UART5_TX, SPI3_MOSI/I2S3_SD, USART3_CK - - 81 C9 B3 114 PD0 I/O FT (1) EVENTOUT, CAN_RX, FMC_D2 - - 82 B9 C3 115 PD1 I/O FT (1) EVENTOUT, TIM8_CH4, TIM8_BKIN2, CAN_TX, FMC_D3 - 54 83 C8 A4 116 PD2 I/O FT - EVENTOUT, TIM3_ETR, TIM8_BKIN, UART5_RX - - 84 B8 B4 117 PD3 I/O FT (1) EVENTOUT, TIM2_CH1/TIM2_ETR, USART2_CTS, FMC_CLK - - 85 B7 C4 118 PD4 I/O FT (1) EVENTOUT, TIM2_CH2, USART2_RTS, FMC_NOE - - 86 A6 - 119 PD5 I/O FT (1) EVENTOUT, USART2_TX, FMC_NWE - - - - - 120 VSS S - (1) -- -- - - 121 VDD S - (1) -- - 87 B6 - 122 PD6 I/O FT (1) EVENTOUT, TIM2_CH4, USART2_RX, FMC_NWAIT - - 88 A5 D4 123 PD7 I/O FT (1) EVENTOUT, TIM2_CH3, USART2_CK, FMC_NE1/FMC_NCE2 - - - - - 124 PG9 I/O FT (1) EVENTOUT, FMC_NE2/FMC_NCE3 - - - - - 125 PG10 I/O FT (1) EVENTOUT, FMC_NCE4_1/FMC_NE3 - - - - - 126 PG11 I/O FT (1) EVENTOUT, FMC_NCE4_2 - - - - - 127 PG12 I/O FT (1) EVENTOUT, FMC_NE4 - - - - - 128 PG13 I/O FT (1) EVENTOUT, FMC_A24 - Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |