データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2553 データシート(PDF) 12 Page - Texas Instruments

部品番号 TLV2553
部品情報  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 データシート(HTML) 12 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 8Page - Texas Instruments TLV2553_15 Datasheet HTML 9Page - Texas Instruments TLV2553_15 Datasheet HTML 10Page - Texas Instruments TLV2553_15 Datasheet HTML 11Page - Texas Instruments TLV2553_15 Datasheet HTML 12Page - Texas Instruments TLV2553_15 Datasheet HTML 13Page - Texas Instruments TLV2553_15 Datasheet HTML 14Page - Texas Instruments TLV2553_15 Datasheet HTML 15Page - Texas Instruments TLV2553_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Pad
Zeros
MSB
1
2
3
5
4
6
10
11
12
1
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5
MSB−8 MSB−9
LSB+1
LSB
16
8
7
9
MSB−6 MSB−7
Low Level
MSB
D6
D5
D4
D3
D2
D1
D0
D7
D7
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
Access Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
Previous Conversion Data
Initialize
CS
I/O
CLOCK
DATA
OUT
DATA IN
EOC
tCONV
Initialize
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
NOTE: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before
responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum
CS setup time has elapsed.
Figure 6. Timing for 16-Clock Transfer Not Using CS With DATA OUT Set for MSB First
12
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36