データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DS3HTR データシート(PDF) 100 Page - STMicroelectronics

部品番号 LSM6DS3HTR
部品情報  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR データシート(HTML) 100 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 96Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 97Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 98Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 99Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 100Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 101Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 102Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 103Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Package information
LSM6DS3H
100/104
DocID028370 Rev 4
13
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
13.1
LGA-14 package information
Figure 18. LGA-14 2.5x3x0.86 14L package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More