データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAP08DP5XTTR データシート(PDF) 24 Page - STMicroelectronics

部品番号 STAP08DP5XTTR
部品情報  Low voltage 8-bit constant current LED sink driver with output error detection for automotive applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP08DP5XTTR データシート(HTML) 24 Page - STMicroelectronics

Back Button STAP08DP5XTTR Datasheet HTML 20Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 21Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 22Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 23Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 24Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 25Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 26Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 27Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Package information
STAP08DP05
24/28
DocID024305 Rev 6
Table 15. HTSSOP16 exposed pad mechanical data
Dim.
(mm)
Min.
Typ.
Max.
A
1.20
A1
0.15
A2
0.80
1.00
1.05
b
0.19
0.30
c
0.09
0.20
D
4.90
5.00
5.10
D1
2.833.2
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
E2
2.833.2
e
0.65
L
0.45
0.60
0.75
L1
1.00
k
0.00
8.00
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28