データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRBD データシート(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

部品番号 SRBD
部品情報  Heavy-torque Feel, Low-profile Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBD データシート(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SRBD_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBD_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBD_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBD_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
140
140
List of Varieties
Rotary Switches
Series
SRBD
SRBQ
SRBM
SRBV
SRRM
SRRN
Insertion Reflow type Rotary Pulse
Photo
Angle of throw
36°
40±3°
30±3° 18±3°
30±3°
Number of poles
1
1, 2
1
1, 2 ,3, 4
2, 3, 4
Rotational torque
13±5mN・m
6±3mN・m
13±5mN・m
40±20mN・m
15±7mN・m
30±15mN・m
80±30mN・m
(Shorting)
70±30mN・m
(Non shorting)
70±30mN・m
Dimensions
(mm)
W
10
11.4
10
16.2
D
12.4
12.5
18.5
H
1.7
3.5
11
7.5
Operating
temperature range
−25℃ to +85℃
−10℃ to +60℃
−30℃ to +85℃
−10℃ to +85℃
−10℃ to +60℃
−30℃ to +65℃
Automotive use
Life cycle
Rating (max.)/(min.)
(Resistive load)
1mA 5V DC
50μA 3V DC
0.1A 16V DC
50μA 3V DC
0.3A 16V DC
50μA 3V DC
0.25A 30V DC
50μA 3V DC
0.15A 12V DC
50μA 3V DC
Durability
Operating life
without load
10,000 cycles
250mΩ max.
10,000 cycles
100mΩ max.
30,000
cycles
100mΩ
max.
10,000 cycles
100mΩ max.
10,000 cycles
40mΩ max.
10,000 cycles
70mΩ max.
Operating life with load
Load: as rating
10,000 cycles 
250mΩ max.
10,000 cycles
100mΩ max.
10,000 cycles
150mΩ max.
10,000 cycles
60mΩ max.
10,000 cycles
100mΩ max.
Electrical
performance
Initial contact
resistance
200mΩ max.
50mΩ max.
20mΩ max.
50mΩ max.
Insulation
resistance
100MΩ min. 100V DC
100MΩ min. 500V DC
Voltage proof
100V AC for 1minute
500V AC for 1minute
Mechanical
performance
Terminal
strength
3N for 1minute
5N for 1minute
10N for 1minute
5N for 1minute
Actuator
strength
Operating
direction
0.5N・m
0.6N・m
1N・m
Pulling
direction
50N
20N
100N
Wobble of
actuator
Load at the tip of shaft SRRM, SRBM, SRRN:5N, SRBQ, SRBV:1N 
The below table shows for
SRRM, SRBM, SRRN
The below table shows for
SRBQ
The below table shows for
SRBV
Measuring
position from
mounting surface
Shaft wobble
(max. value)
Applicable
mounting
dimension
Distance from
mounting surface to
the tip of shaft
Shaft wobble
(max. value)
Measuring
position from
mounting surface
Shaft wobble
(max. value)
Applicable
mounting
dimension
10
0.17
15
below 5
0.5
10
0.2
15
15
0.25
20
above 5 and below 10
0.9
15
0.3
20
20
0.35
25
above 10 and below 15
1.2
20
0.4
25
25
0.42
30
30
0.5
above 35
Environmental
performance
Cold
−40℃ 500h
−20℃ 96h
−40℃ 96h
−20℃ 96h
−40℃ 96h
Dry heat
85℃ 500h
85℃ 96h
Damp heat
60℃,
90 to 95%RH 500h
40℃, 90 to 95%RH 96h
Page
141
143
145
148
150
153
Rotary Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 156
Rotary Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 157
Indicates applicability to all products in the series.
Note
Unit:mm



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com