データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRBD データシート(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

部品番号 SRBD
部品情報  Heavy-torque Feel, Low-profile Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBD データシート(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRBD_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBD_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBD_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBD_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
141
141
Mode switching with maximum 10-position
Heavy-torque Feel, Low-profile Type
SRBD
36°
SRBD110401
Japan
Export
Product Line
Non
shorting
Product No.
SRBD150201
SRBD170401
SRBD180201
1
Poles
For PC board
(Reflow)
1.7
Soldering Actuator length
(mm)
4,800
1,200
Minimum order unit(pcs.)
Changeover
angle
5
7
8
10
Detent
with
without
with
Location
lug
10
Positions
Changeover
timing
1
1
2
Drawing
No.
Refer to P.156 for soldering conditions.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
200mΩ max. / 200mΩ max.
Rotational torque
13±5mN・m
Operating life with load
10,000 cycles(1mA 5V DC)
Voltage proof
100V AC 1minute
Angle of throw
36°
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
1,200
2,400
4,800
24
428×413×172
ø380
25.4


同様の部品番号 - SRBD_15

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SRBD110200 ALPS-SRBD110200 Datasheet
236Kb / 4P
Heavy-torque Feel, Low-profile Type
More results

同様の説明 - SRBD_15

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
D2MC OMRON-D2MC Datasheet
53Kb / 4P
Low-torque Basic Switch
logo
List of Unclassifed Man...
KH39GM2 ETC1-KH39GM2 Datasheet
155Kb / 2P
HIGH TORQUE, LOW VIBRATION AND LOW NOISE
logo
ALPS ELECTRIC CO.,LTD.
SPVR ALPS-SPVR Datasheet
315Kb / 3P
Low-profile Lever Type
SRBD ALPS-SRBD Datasheet
236Kb / 4P
Heavy-torque Feel, Low-profile Type
logo
Grayhill, Inc
4001UL GRAYHILL-4001UL Datasheet
63Kb / 1P
Momentary or Momentary With Positive Feel
logo
ALPS ELECTRIC CO.,LTD.
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
Low-profile and good operational feel makes this excellent for car air conditioners
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
Heavy rotation torque and good operational feel, available in potentiometer and encoder types
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
Low-profile tilting stick controller with excellent operating feel
SPVR ALPS-SPVR_15 Datasheet
913Kb / 3P
Low-profile Lever Type
logo
SHINMEI ELECTRIC CO., L...
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
Body height 1.6mm, Heavy-torque Type Rotary-Switches
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com