データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F446MC データシート(PDF) 87 Page - STMicroelectronics

部品番号 STM32F446MC
部品情報  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC データシート(HTML) 87 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 83Page - STMicroelectronics STM32F446MC Datasheet HTML 84Page - STMicroelectronics STM32F446MC Datasheet HTML 85Page - STMicroelectronics STM32F446MC Datasheet HTML 86Page - STMicroelectronics STM32F446MC Datasheet HTML 87Page - STMicroelectronics STM32F446MC Datasheet HTML 88Page - STMicroelectronics STM32F446MC Datasheet HTML 89Page - STMicroelectronics STM32F446MC Datasheet HTML 90Page - STMicroelectronics STM32F446MC Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 201 page
background image
DocID027107 Rev 5
87/201
STM32F446xC/E
Electrical characteristics
174
IDD
Supply
current in
Sleep
mode
External
clock, PLL
on all
peripherals
disabled
Flash on
180
11.36
17.59
28.2
51.6
mA
168(2)
10.20
16.19
22.0
31.8
150
9.53
15.59
21.1
30.9
144(2)
8.90
14.87
19.7
28.4
120
7.35
13.24
16.5
23.3
90
6.39
12.40
15.3
21.9
60
5.28
11.17
14.1
20.7
30
4.43
10.31
13.1
19.6
25
4.23
10.12
12.85
19.30
Flash in
Deep
Power
Down
mode
180
8.3
13.44
30.72
37.20
168(2)
7.3
12.25
25.16
28.80
150
6.7
11.60
24.27
27.84
144(2)
6.1
11.08
23.25
26.28
120
4.7
9.64
20.95
23.72
90
3.8
8.80
19.77
22.57
60
2.8
7.74
18.69
21.32
30
2.0
6.89
17.66
20.40
25
1.8
6.70
17.43
20.17
Flash in
STOP
mode
180
8.3
13.44
30.72
37.20
168(2)
7.3
12.25
25.16
28.80
150
6.7
11.60
24.27
27.84
144(2)
6.1
11.08
23.25
26.28
120
4.7
9.64
20.95
23.72
90
3.8
8.80
19.77
22.57
60
2.8
7.74
18.69
21.32
30
2.0
6.89
17.66
20.40
25
1.8
6.70
17.43
20.17
Table 26. Typical and maximum current consumption in Sleep mode(1) (continued)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max
Unit
TA = 25
°C
TA = 25
°C
TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More