データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F446MC データシート(PDF) 88 Page - STMicroelectronics

部品番号 STM32F446MC
部品情報  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC データシート(HTML) 88 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 84Page - STMicroelectronics STM32F446MC Datasheet HTML 85Page - STMicroelectronics STM32F446MC Datasheet HTML 86Page - STMicroelectronics STM32F446MC Datasheet HTML 87Page - STMicroelectronics STM32F446MC Datasheet HTML 88Page - STMicroelectronics STM32F446MC Datasheet HTML 89Page - STMicroelectronics STM32F446MC Datasheet HTML 90Page - STMicroelectronics STM32F446MC Datasheet HTML 91Page - STMicroelectronics STM32F446MC Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 201 page
background image
Electrical characteristics
STM32F446xC/E
88/201
DocID027107 Rev 5
IDD
Supply
current in
Sleep
mode
HSI, PLL
off, all
peripherals
disabled
Flash on
16
3.89
4.93
11.72
18.54
mA
8
2.45
3.29
11.66
18.46
4
1.69
2.56
11.60
18.40
2
1.28
2.22
11.57
18.37
Flash in
Deep
Power
Down
mode
16
1.0
6.65
16.54
19.50
8
0.9
6.93
16.48
19.45
4
0.9
6.90
16.43
19.39
2
0.9
6.88
16.41
19.37
Flash in
STOP
mode
16
1.0
6.7
16.5
19.5
8
0.9
6.9
16.5
19.5
4
0.9
6.9
16.4
19.4
2
0.9
6.9
16.4
19.4
1. Guaranteed based on test during characterization unless otherwise specified.
2. Overdrive OFF
Table 26. Typical and maximum current consumption in Sleep mode(1) (continued)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max
Unit
TA = 25
°C
TA = 25
°C
TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More