| データシートサーチシステム |
|
STM32F479IG データシート(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479IG データシート(HTML) 72 Page - STMicroelectronics |
|
72 / 208 page ![]() Port C PC0 - - - - - - - - - - OTG_HS _ULPI_ST P - FMC_SDN WE - LCD_R5 EVENT OUT PC1 TRACED 0 -- - - SPI2_MOSI /I2S2_SD SAI1_SD_ A -- - ETH_MDC -- - EVENT OUT PC2 -- - - - SPI2_MISO I2S2ext_S D -- - OTG_HS _ULPI_DI R ETH_MII_TXD 2 FMC_SDN E0 -- EVENT OUT PC3 -- - - - SPI2_MOSI /I2S2_SD -- - - OTG_HS _ULPI_N XT ETH_MII_TX_ CLK FMC_SDC KE0 -- EVENT OUT PC4 - - -- - - -- - - - ETH_MII_RXD 0/ETH_RMII_R XD0 FMC_SDN E0 -- EVENT OUT PC5 - - -- - - -- - - - ETH_MII_RXD 1/ETH_RMII_R XD1 FMC_SDC KE0 -- EVENT OUT PC6 -- TIM3_CH1 TIM8_CH1 - I2S2_MCK -- USART6 _TX -- - SDIO_D6 DCMI_D0 LCD_HSY NC EVENT OUT PC7 -- TIM3_CH2 TIM8_CH2 -- I2S3_MCK - USART6 _RX -- - SDIO_D7 DCMI_D1 LCD_G6 EVENT OUT PC8 TRACED 1 - TIM3_CH3 TIM8_CH3 -- - - USART6 _CK -- - SDIO_D0 DCMI_D2 - EVENT OUT PC9 MCO2 - TIM3_CH4 TIM8_CH4 I2C3_SDA I2S_CKIN -- - QUADSPI_ BK1_IO0 -- SDIO_D1 DCMI_D3 - EVENT OUT PC10 - -- - - - SPI3_SCK/ I2S3_CK USART3_ TX UART4_ TX QUADSPI_ BK1_IO1 -- SDIO_D2 DCMI_D8 LCD_R2 EVENT OUT PC11 - -- - - I2S3ext_SD SPI3_MIS O USART3_ RX UART4_ RX QUADSPI_ BK2_NCS -- SDIO_D3 DCMI_D4 - EVENT OUT PC12 TRACED 3 -- - - - SPI3_MOS I/I2S3_SD USART3_ CK UART5_ TX -- - SDIO_CK DCMI_D9 - EVENT OUT PC13 - - -- - - -- - - - - - - - EVENT OUT PC14 - - -- - - -- - - - - - - - EVENT OUT PC15 - - -- - - -- - - - - - - - EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/UA RT4/5 /7/8 CAN1/2/ TIM12/1 3/14/QU ADSPI/L CD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/SD IO/OTG2 _FS DCMI/ DSI HOST LCD SYS |