| データシートサーチシステム |
|
STM32F479IG データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479IG データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 208 page ![]() Port H PH0 - - - - - - - - - - - - - - - EVENT OUT PH1 - - - - - - - - - - - - - - EVENT OUT PH2 - - - - - - - - - QUADSPI_ BK2_IO0 - ETH_MII_CRS FMC_SDC KE0 - LCD_R0 EVENT OUT PH3 - - - - - - - - - QUADSPI_ BK2_IO1 - ETH_MII_COL FMC_SDN E0 - LCD_R1 EVENT OUT PH4 - - - - I2C2_SCL - - - - LCD_G5 OTG_HS _ULPI_N XT - - - LCD_G4 EVENT OUT PH5 - - - - I2C2_SDA SPI5_NSS - - - - - - FMC_SDN WE -- EVENT OUT PH6 - - - - I2C2_SMBA SPI5_SCK - - - TIM12_CH1 - ETH_MII_RXD 2 FMC_SDN E1 -- EVENT OUT PH7 - - - - I2C3_SCL SPI5_MISO - - - - - ETH_MII_RXD 3 FMC_SDC KE1 DCMI_D9 - EVENT OUT PH8 - - - - I2C3_SDA - - - - - - - FMC_D16 DCMI_HS YNC LCD_R2 EVENT OUT PH9 - - - - I2C3_SMBA - - - - TIM12_CH2 - - FMC_D17 DCMI_D0 LCD_R3 EVENT OUT PH10 - - TIM5_CH1 - - - - - - - - - FMC_D18 DCMI_D1 LCD_R4 EVENT OUT PH11 - - TIM5_CH2 - - - - - - - - - FMC_D19 DCMI_D2 LCD_R5 EVENT OUT PH12 - - TIM5_CH3 - - - - - - - - - FMC_D20 DCMI_D3 LCD_R6 EVENT OUT PH13 - - - TIM8_CH1 N - - - - - CAN1_TX - - FMC_D21 - LCD_G2 EVENT OUT PH14 - - - TIM8_CH2 N - - - - - - - - FMC_D22 DCMI_D4 LCD_G3 EVENT OUT PH15 - - - TIM8_CH3 N - - - - - - - - FMC_D23 DCMI_D11 LCD_G4 EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/UA RT4/5 /7/8 CAN1/2/ TIM12/1 3/14/QU ADSPI/L CD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/SD IO/OTG2 _FS DCMI/ DSI HOST LCD SYS |