| データシートサーチシステム |
|
PEB2256HT データシート(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2256HT データシート(HTML) 24 Page - Infineon Technologies AG |
|
24 / 490 page ![]() FALC56 V1.2 PEB 2256 Introduction Data Sheet 24 2002-08-27 1.3 Typical Applications The figures show a multiple link application for Frame Relay applications using the FALC ®56 together with the 128-channel HDLC controller M128X and the Memory Timeswitch MTLS as well as an 8-channel interface to the ATM layer. • Figure 2 Multiple E1/T1/J1 Link over Frame Relay ITS10714 PEB 20324 MUNICH128X CPU MEM System Bus PCI/Generic MTSL PEB 2047 Memory Time Switch E1/T1/J1 FALC 56 PEB 2256 R E1/T1/J1 E1/T1/J1 E1/T1/J1 Clocks Clock Clock R PEB 2256 FALC 56 R PEB 2256 FALC 56 R PEB 2256 FALC 56 MCLK |