| データシートサーチシステム |
|
VNH7070ASTR データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH7070ASTR データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 38 page ![]() Electrical specifications VNH7070AS 18/38 DocID028088 Rev 3 Table 11. Operative condition - truth table Pin status HSDs and LDSs status INA INB SEL0 PWM CS HSDA LSDA HSDB LSDB 11 1 x Current Monitoring HSDA On Off On Off 0 Current Monitoring HSDB 10 1 1 Current Monitoring HSDA On Off Off On 0On Off Off Off 10 0 1 Hi-Z On Off Off On 0On Off Off Off 01 1 1 Hi-Z Off On On Off 0Off Off On Off 01 0 1 Current Monitoring HSDB Off On On Off 0Off Off On Off 00 1 1Hi-Z Off On Off On 0 00 1 0x(1) 1. Refer to Table 13: Off-state -truth table Off Off Off Off 0(2) 2. For INA =INB =SEL0 = PWM = 0, the device enters in standby after TD_sdby Off Off Off Off Table 12. On-state fault conditions- truth table Fault on leg A (preliminary) INA INB SEL0 PWM OutA OutB CS Fault description On state diagnostic 101 X L L VSENSEH Out A short to GND 100 1 H H VSENSEH Out B short to VCC 011 1 H H VSENSEH Out A short to VCC 010 X X L VSENSEH Out B short to GND |