データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNH7070ASTR データシート(PDF) 36 Page - STMicroelectronics

部品番号 VNH7070ASTR
部品情報  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070ASTR データシート(HTML) 36 Page - STMicroelectronics

Back Button VNH7070ASTR Datasheet HTML 30Page - STMicroelectronics VNH7070ASTR Datasheet HTML 31Page - STMicroelectronics VNH7070ASTR Datasheet HTML 32Page - STMicroelectronics VNH7070ASTR Datasheet HTML 33Page - STMicroelectronics VNH7070ASTR Datasheet HTML 34Page - STMicroelectronics VNH7070ASTR Datasheet HTML 35Page - STMicroelectronics VNH7070ASTR Datasheet HTML 36Page - STMicroelectronics VNH7070ASTR Datasheet HTML 37Page - STMicroelectronics VNH7070ASTR Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Package and packing information
VNH7070AS
36/38
DocID028088 Rev 3
Figure 31. SO-16N schematic drawing of leader and trailer tape
5.3
SO-16N marking information
Figure 32. SO-16N marking information
Note:
Engineering Samples: these samples can be clearly identified by a dedicated special
symbol in the marking of each unit. These samples are intended to be used for electrical
compatibility evaluation only; usage for any other purpose may be agreed only upon written
authorization by ST. ST is not liable for any customer usage in production and/or in reliability
qualification trials.
Commercial Samples: fully qualified parts from ST standard production with no usage
restrictions.
P1
8.00 ± 0.1
W
16.00 ± 0.3
Table 19. SO-16N carrier tape dimensions (continued)
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38