データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS6663CD データシート(PDF) 18 Page - STMicroelectronics

部品番号 VS6663CD
部品情報  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD データシート(HTML) 18 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 14Page - STMicroelectronics VS6663CD Datasheet HTML 15Page - STMicroelectronics VS6663CD Datasheet HTML 16Page - STMicroelectronics VS6663CD Datasheet HTML 17Page - STMicroelectronics VS6663CD Datasheet HTML 18Page - STMicroelectronics VS6663CD Datasheet HTML 19Page - STMicroelectronics VS6663CD Datasheet HTML 20Page - STMicroelectronics VS6663CD Datasheet HTML 21Page - STMicroelectronics VS6663CD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Functional description
VS6663CD
18/64
Doc ID027033 Rev 2
3.2.2
Power-down procedure
The power-down sequence timing constraints are shown in Table 7.
Table 7. Power-down sequence timing constraints for CSI2 communications
Symbol
Parameter
Minimum
Maximum
Units
t8
Last I2C transaction to software
standby
-
1 frame
t9
Last I2C transaction or MIPI frame
end to XSHUTDOWN falling
512
-
clock cycles
t10
XSHUTDOWN to VANA/VDIG
falling
XSHUTDOWN must fall at the
same time as, or earlier than, both
power supplies (VDIG and VANA)
t11
VANA to VDIG or VDIG to VANA
falling
VANA and VDIG may fall in any
order, the rising separation can
vary from 0 ns to indefinite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64