データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS6663CD データシート(PDF) 47 Page - STMicroelectronics

部品番号 VS6663CD
部品情報  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD データシート(HTML) 47 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 43Page - STMicroelectronics VS6663CD Datasheet HTML 44Page - STMicroelectronics VS6663CD Datasheet HTML 45Page - STMicroelectronics VS6663CD Datasheet HTML 46Page - STMicroelectronics VS6663CD Datasheet HTML 47Page - STMicroelectronics VS6663CD Datasheet HTML 48Page - STMicroelectronics VS6663CD Datasheet HTML 49Page - STMicroelectronics VS6663CD Datasheet HTML 50Page - STMicroelectronics VS6663CD Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Doc ID027033 Rev 2
47/64
VS6663CD
Video timing
47
increment CCI sequence, it is not possible for the sensor to consume only part of the new
exposure and gain data.
However if it is not possible for the host to use auto-increment CCI register accesses and
only discrete register accesses are possible then the VS6663CD has a mechanism to
temporarily suspend the automatic application of updated exposure register values.
A group of parameter changes is marked by the host using a dedicated Boolean control
parameter, grouped_parameter_hold (register 0x0104). Any changes made to ‘retimed’
parameters while the grouped_parameter_hold signal is in the ‘hold’ state will be considered
part of the same group. Only when the grouped_parameter_hold control signal is moved
back to the default ‘no-hold’ state will the group of changes be executed by VS6663CD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64