| データシートサーチシステム |
|
TLE6286 データシート(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6286 データシート(HTML) 8 Page - Infineon Technologies AG |
|
8 / 19 page ![]() Target Data TLE 6286 Version 1.02 8 2001-10-15 2.5 Reset Timing The power-on reset delay time is defined by the charging time of an external capacitor C D which can be calculated as follows: C D =(trd × I D,ch)/ ∆V Definitions: C D = delay capacitor t rd = reset delay time I D,ch = charge current, typical 60 µA ∆V = V DU, typical 1.70 V V DU = upper delay switching threshold at CD for reset delay time 2.6 Watchdog Timing The frequency of the watchdog pulses has to be higher than the minimum pulse sequence which is set by the external reset delay capacitor C D. Calculation can be done according to the formulas given in Figure 5. |