| データシートサーチシステム |
|
BQ76PL536APAPR データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ76PL536APAPR データシート(HTML) 13 Page - Texas Instruments |
|
13 / 74 page ![]() t CS,LEAD CS t CS,LAG t(SCLK ) SCLK t(HIGH) t(LOW) SDI tSU,SDI tHD,SDI SDO tACC tVALID, SDO tDIS t CS _ DLY bq76PL536A www.ti.com SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016 6.7 Vertical Communications Bus Typical values stated where TA = 25ºC and VBAT = 20 V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT tHV_SCLK Propagation delay, SCLK_H to SCLK_N HOST = 0 40 ns tVB_SCLK Propagation delay, SCLK_S to SCLK_N HOST = 1 30 ns tHV_CS Propagation delay, CS_H to CS_N HOST = 0 40 ns tVB_CS Propagation delay, CS_S to CS_N HOST = 1 30 ns tHV_SDI Propagation delay, SDI_H to SDI_N HOST = 0 40 ns tVB_SDI Propagation delay, SDI_S to SDI_N HOST = 1 30 ns tHV_CONV Propagation delay, CONV_H to CONV_N HOST = 0 100 ns tVB_CONV Propagation delay, CONV_S to CONV_N HOST = 1 30 ns tHV_SDO Propagation delay, SDO_N to SDO_H HOST = 0 10 ns tVB_SDO Propagation delay, SDO_N to SDO_S HOST = 1 40 ns tHV_DRDY Propagation delay, DRDY_N to DRDY_H HOST = 0 60 ns tVB_DRDY Propagation delay, DRDY_N to DRDY_S HOST = 1 40 ns tHV_FAULT Propagation delay, FAULT_N to FAULT_H HOST = 0 55 ns tVB_FAULT Propagation delay, FAULT_N to FAULT_S HOST = 1 30 ns tHV_ALERT Propagation delay, ALERT_N to ALERT_H HOST = 0 65 ns tVB_ALERT Propagation delay, ALERT_N to ALERT_S HOST = 1 30 ns (1) Typical values are quoted in place of MIN/MAX for design guidance only. Actual propagation delay depends heavily on wiring and capacitance in the signal path. These parameters are not tested in production due to these dependencies on system design considerations. Figure 1. SPI Host Interface Timing Copyright © 2011–2016, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: bq76PL536A |