データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSMB3N60 データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 KSMB3N60
部品情報  This N-channel MOSFETS use advanced trench technology and design to provide excellent RDS(on) with low gate charge. It can be used in a wide variety of applications.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMB3N60 データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSMB3N60 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMB3N60 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMB3N60 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMB3N60 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSMB3N60/FQB3N60
KERSMI ELECTRONIC CO.,LTD.
www.kersemi.com
1
Description
This N-channel MOSFETS use advanced trench technology and design to provide
excellent RDS(on) with low gate charge. It can be used in a wide variety of applications.
Features
1) Low gate charge.
2) Green device available.
3) Advanced high cell denity trench technology for ultra RDS(ON)
4) Excellent package for good heat dissipation.
TO-263
Absolute Maximum Ratings TC=25℃,unless otherwise noted
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current-1
3.0
A
Continuous Drain Current-T=100℃
1.9
Pulsed Drain Current2
12
EAS
Single Pulse Avalanche Energy3
200
mJ
PD
Power Dissipation4
75
W
TJ, TSTG
Operating and Storage Junction Temperature
Range
-55 to
+150
Thermal Characteristics
BVDSS
RDSON
ID
600V
3.5Ω
3A


同様の部品番号 - KSMB3N60

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
KSMB3N80 KERSEMI-KSMB3N80 Datasheet
760Kb / 4P
Green device available.
More results

同様の説明 - KSMB3N60

メーカー部品番号データシート部品情報
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
Alpha & Omega Semicondu...
AOTF4126 AOSMD-AOTF4126 Datasheet
428Kb / 7P
fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32-G14 OMRON-E32-G14 Datasheet
17Mb / 67P
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
Shanghai Leiditech Elec...
LMP0218G LEIDITECH-LMP0218G Datasheet
1Mb / 6P
Excellent gate charge x RDS(on) product(FOM)
logo
SHENZHEN DOINGTER SEMIC...
SIA537EDJ DOINGTER-SIA537EDJ Datasheet
1Mb / 7P
N-Channel and P-Channel MOSFET uses advanced trench technology To provide excellent RDS(ON)
logo
Shenzhen Luguang Electr...
3400 LUGUANG-3400 Datasheet
1Mb / 6P
The 3400 uses advanced trench technology to provide excellent RDS(ON)
3400L LUGUANG-3400L Datasheet
1Mb / 6P
The 3400L uses advanced trench technology to provide excellent RDS(ON)
logo
Guangdong Youtai Semico...
15N10 UMW-15N10 Datasheet
660Kb / 5P
The 15N10 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V.
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com