| データシートサーチシステム |
|
MB9B520M データシート(PDF) 52 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M データシート(HTML) 52 Page - SPANSION |
|
52 / 113 page ![]() D a t a S h e e t March 18, 2015, MB9B520M_DS706-00048-3v0-E 49 CONFIDENTIAL Memory Map (2) MB9BF524K/L/M MB9BF522K/L/M MB9BF521K/L/M 0x2008_0000 0x2008_0000 0x2008_0000 0x2000_4000 0x2000_2000 0x2000_2000 0x2000_0000 0x2000_0000 0x2000_0000 0x1FFF_E000 0x1FFF_E000 0x1FFF_C000 0x0020_8000 0x0020_8000 0x0020_8000 SA7(8KB) SA7(8KB) SA7(8KB) SA6(8KB) SA6(8KB) SA6(8KB) SA5(8KB) SA5(8KB) SA5(8KB) 0x0020_0000 SA4(8KB) 0x0020_0000 SA4(8KB) 0x0020_0000 SA4(8KB) 0x0010_4000 0x0010_4000 0x0010_4000 0x0010_2000 CR trimming 0x0010_2000 CR trimming 0x0010_2000 CR trimming 0x0010_0000 Security 0x0010_0000 Security 0x0010_0000 Security 0x0004_0000 0x0002_0000 0x0001_0000 SA3(8KB) SA3(8KB) SA3(8KB) 0x0000_0000 SA2(8KB) 0x0000_0000 SA2(8KB) 0x0000_0000 SA2(8KB) SA10(64KB) SA11(64KB) SA8(48KB) SA8(48KB) SA9(64KB) SRAM0 8Kbytes Reserved Reserved SRAM0 8Kbytes SRAM0 16Kbytes SRAM1 16Kbytes Reserved SRAM1 8Kbytes Reserved Reserved Reserved Reserved Reserved SRAM1 8Kbytes Reserved Reserved Reserved Reserved SA9(64KB) SA8(48KB) Refer to the programming manual for the detail of Flash main area. MB9AB40N/A40N/340N/140N/150R,MB9B520M/320M/120M Series Flash Programming Manual |