| データシートサーチシステム |
|
MB9B520M データシート(PDF) 14 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M データシート(HTML) 14 Page - SPANSION |
|
14 / 113 page ![]() D a t a S h e e t March 18, 2015, MB9B520M_DS706-00048-3v0-E 11 CONFIDENTIAL FPT-64P-M38/M39 (TOP VIEW) VCC 1 48 P21/AN14/SIN0_0/INT06_1/WKUP2 P50/AN22/INT00_0/AIN0_2/SIN3_1 2 47 P22/AN13/SOT0_0/TIOB7_1 P51/AN23/INT01_0/BIN0_2/SOT3_1 3 46 P23/AN12/SCK0_0/TIOA7_1 P52/AN24/INT02_0/ZIN0_2/SCK3_1 4 45 P19/AN09/SCK2_2 P30/AN25/AIN0_0/TIOB0_1/INT03_2 5 44 P18/AN08/SOT2_2 P31/AN26/BIN0_0/TIOB1_1/SCK6_1/INT04_2 6 43 AVRL P32/ZIN0_0/TIOB2_1/SOT6_1/INT05_2 7 42 AVRH P33/INT04_0/TIOB3_1/SIN6_1/ADTG_6 8 41 AVCC P39/DTTI0X_0/INT06_0/ADTG_2 9 40 P17/AN07/SIN2_2/INT04_1 P3A/RTO00_0/TIOA0_1/INT07_0/SUBOUT_2/RTCCO_2 10 39 P15/AN05/SOT0_1/INT14_0/IC03_2 P3B/RTO01_0/TIOA1_1 11 38 P14/AN04/SIN0_1/INT03_1/IC02_2 P3C/RTO02_0/TIOA2_1/INT18_2 12 37 AVSS P3D/RTO03_0/TIOA3_1 13 36 P12/AN02/SOT1_1/TX1_2/IC00_2 P3E/RTO04_0/TIOA4_1/INT19_2 14 35 P11/AN01/SIN1_1/INT02_1/RX1_2/FRCK0_2/WKUP1 P3F/RTO05_0/TIOA5_1 15 34 P10/AN00 VSS 16 33 VCC LQFP - 64 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |