| データシートサーチシステム |
|
ADM1270ARQZ-R7 データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1270ARQZ-R7 データシート(HTML) 7 Page - Analog Devices |
|
7 / 21 page ![]() Data Sheet ADM1270 Rev. A | Page 7 of 21 Pin No. Mnemonic Description 15 VCC/SENSE+ Positive Supply Input Pin (VCC). A UVLO circuit resets the device when a low supply voltage is detected. GATE is held off when the supply is below UVLO. No sequencing is required. Positive Current Sense Input Pin (SENSE+). This pin connects to the main supply input. A sense resistor between the VCC/SENSE+ pin and the SENSE− pin sets the analog current limit. The hot swap operation of the ADM1270 controls the external FET gate to maintain the sense voltage (VSENSE+ − VSENSE−). 16 RPFG Reverse Protection FET Gate Driver Output. Connect this pin to the gate of the external reverse polarity protection P-channel FET for low voltage drop operation. N/A1 EP Exposed Pad. The exposed pad is located on the underside of the LFCSP package. Solder the exposed pad to the printed circuit board (PCB) to improve thermal dissipation. The exposed pad can be connected to ground. 1 N/A = not applicable. |