| データシートサーチシステム |
|
VLB7050HT-R15M データシート(PDF) 9 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
VLB7050HT-R15M データシート(HTML) 9 Page - TDK Electronics |
|
9 / 9 page ![]() (9/9) INDUC T O RS 20160411 / inductor_commercial_power_vlb7050_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. VLB7050 Type PACKAGING STYLE REEL DIMENSIONS * These values are typical values. TAPE DIMENSIONS Type A W1 W2 N E VLB7050 ø330 16.4 22.4 ø100 2 ø13.0 ±0.5 ø21.0 ±0.8 2.0 ±0.5 A (1.0) Dimensions in mm E W2 W1 P0 P2 øD0 P1 A t K Dimensions in mm Type A B øD0 E F P0 P1 P2 W K t VLB7050 7.3 8.1 1.5+0.1/-1 1.75±0.1 7.5±0.1 4.0±0.1 12.0±0.1 2.0±0.1 16.0±0.3 5.5 0.4 |