データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM621 データシート(PDF) 3 Page - Silicon Touch Technology Inc.

部品番号 DM621
部品情報  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 データシート(HTML) 3 Page - Silicon Touch Technology Inc.

  DM621 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.007
Page 2
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
Block Diagram
Figure 1. Functional Schematic of Whole Chip
The schematic of DM621 comprises of several fundamental units as shown in Figure1.
The grayscale data and command data, transferred according to the synchronous clock
DCK, are input into the SIN pin of DM621. Meanwhile, the combination of DCK and SIN
data could produce the control signal to switch these two modes and achieve the
auto-latch function. The Retiming block is advised to rearrange the timing of DCKO and
SOUT in order to realize the Auto-Latch function and improve the ability of long cascade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22