| データシートサーチシステム |
|
DM621 データシート(PDF) 10 Page - Silicon Touch Technology Inc. |
|
|
|||||||||||||||||||||||||||||
DM621 データシート(HTML) 10 Page - Silicon Touch Technology Inc. |
|
10 / 22 page ![]() 12-Channels Pre-programmable Constant Current LED Driver Version:A.006 Page 9 未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任 Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement. DM621 Serial Shift-In Luminance Data (Shift Register Architecture) Figure 6. Serial Shift-In Luminance Data Structure This serial shift (shift register) architecture follows a FIFO (first-in first-out) format. The MSB (Most Significant Bit) data is the first data bit that shift into the driver. The LSB (Least Significant Bit) data is the last bit in the data sequence. And the PWM [1:0] command determines the data rate of each channel. |