| データシートサーチシステム |
|
ASBSV8-LED5 データシート(PDF) 69 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV8-LED5 データシート(HTML) 69 Page - Lumberg |
|
69 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 69 M8-Round Connectors In Accordance with IEC 61076-2-104 M8-Field Attachable Connectors M12-Round Connectors In Accordance with IEC 61076-2-101 M12-Field Attachable Connectors RKMCK RSC Part No. RKMCK 3 RKMCK 4 Part No. RSC 3/7 RSC 3/9 RSC 4/7 RSC 4/9 RSC 5/7 RSC 5/9 RSC 8/9 M8 Field Attachable, Female Straight Field Attachable Connector, M8 Female Straight, 3- and 4-Poles with Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 3-Pole: Ø 3,5-5,0 mm 4-Pole: Ø 3,5-5,0 mm M12 Field Attachable, Male Straight Field Attachable Connector, M12 Male Straight, 3-, 4-, 5- and 8-Poles with Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 3/7: Ø 3,5-6,5 mm 3/9: Ø 4,0-8,0 mm 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm 5/7: Ø 3,5-6,5 mm 5/9: Ø 4,0-8,0 mm 8/9: Ø 4,0-8,0 mm RSCW RSCQ Part No. RSCW 3/7 RSCW 3/9 RSCW 4/7 RSCW 4/9 RSCW 5/7 RSCW 5/9 RSCW 8/9 Part No. RSCQ 3/7 RSCQ 3/9 RSCQ 4/7 RSCQ 4/9 M12 Field Attachable, Male 90˚ Field Attachable Connector, M12 Male 90 ˚, 3-, 4-, 5- and 8-Poles with Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 3/7: Ø 3,5-6,5 mm 3/9: Ø 4,0-8,0 mm 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm 5/7: Ø 3,5-6,5 mm 5/9: Ø 4,0-8,0 mm 8/9: Ø 4,0-8,0 mm M12 Field Attachable, Male Straight Field Attachable Connector, M12 Male Straight, 3- and 4-Poles with Threaded Joint, Assembling with Spring-Type Terminals. IP 67 Rated. Screw Joints for Cables 3/7: Ø 3,5-6,5 mm 3/9: Ø 4,0-8,0 mm 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm Field Attachable Connectors |