| データシートサーチシステム |
|
ASBSV8-LED5 データシート(PDF) 88 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV8-LED5 データシート(HTML) 88 Page - Lumberg |
|
88 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 88 e2c 67 Backplanes, PlugBoxes, BusHeads 0941 UNC... 0941 DNC... 0941 PNC... 0941 INC 201 0940 DSL 001 | 0940 PSL 001 | 0940 ISL 001 Part No. 0941 UNC 010 0941 UNC 020 0941 UNC 030 Part No. 0941 DNC 101 0941 DNC 301 Part No. 0941 PNC 101 0941 PNC 103 0941 PNC 201 Part No. 0941 INC 201 Part No. 0940 DSL 001 0940 PSL 001 0940 ISL 001 Backplanes e2c 67 Backplane Bus Connections for 4-, 6 and 8-Port I/O Modules PlugBox-DeviceNet 0941 DNC 101: M12, 5-Pole Male (In) and Female (Out) Bus Connection with 7/8”, 4-Pole Male for Auxillary Power. 0941 DNC 301: 7/8”, 5-Pole Male (In) and Female (Out) Bus Connection with 7/8”, 4-Pole Male for Auxillary Power. PlugBox-Profibus 0941 PNC 101: M12, 5-Pole Male (In) and Female (Out) Bus Connection with 7/8”, 5-Pole Male for Auxillary Power. 0941 PNC 103: M12, 5-Pole Male (In) and Female (Out) Bus Connection with M23, 6-Pole Male for Auxillary Power. 0941 PNC 201: M23, 12-Pole Female (In) and Female (Out) Bus Connection with M23, 6-Pole Male for Auxillary Power. PlugBox-Interbus e2c 67 PlugBox for Interbus, M23, 9-Pole Male (In) and Female (Out) Bus Connection with M23, 6-Pole Male for Auxillary Power. BusHead 0940 DSL 001: DeviceNet-Slave 0940 PSL 001: Profibus-Slave 0940 ISL 001: Interbus-Slave |