| データシートサーチシステム |
|
COP8FGR7 データシート(PDF) 48 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8FGR7 データシート(HTML) 48 Page - National Semiconductor (TI) |
|
48 / 59 page ![]() 14.0 Instruction Set (Continued) LD A, [B±] LoaD A with Memory [B] A←[B], (B←B ±1) LD A, [X±] LoaD A with Memory [X] A←[X], (X←X±1) LD [B±],Imm LoaD Memory [B] Immed. [B]←Imm, (B←B±1) CLR A CLeaR A A←0 INC A INCrement A A←A+1 DEC A DECrement A A←A−1 LAID Load A InDirect from ROM A←ROM (PU,A) DCOR A Decimal CORrect A A←BCD correction of A (follows ADC, SUBC) RRC A Rotate A Right thru C C→A7→…→A0→C RLC A Rotate A Left thru C C←A7←…←A0←C, HC←A0 SWAP A SWAP nibbles of A A7…A4 ↔A3…A0 SC Set C C←1, HC←1 RC Reset C C←0, HC←0 IFC IF C IF C is true, do next instruction IFNC IF Not C If C is not true, do next instruction POP A POP the stack into A SP←SP+1,A←[SP] PUSH A PUSH A onto the stack [SP]←A, SP←SP−1 VIS Vector to Interrupt Service Routine PU←[VU], PL←[VL] JMPL Addr. Jump absolute Long PC←ii (ii = 15 bits, 0 to 32k) JMP Addr. Jump absolute PC9…0←i(i = 12 bits) JP Disp. Jump relative short PC←PC+r(ris−31 to +32, except 1) JSRL Addr. Jump SubRoutine Long [SP]←PL, [SP−1]←PU,SP−2, PC←ii JSR Addr. Jump SubRoutine [SP]←PL, [SP−1]←PU,SP−2, PC9…0←i JID Jump InDirect PL←ROM (PU,A) RET RETurn from subroutine SP + 2, PL←[SP], PU←[SP−1] RETSK RETurn and SKip SP + 2, PL←[SP],PU←[SP−1], skip next instruction RETI RETurn from Interrupt SP + 2, PL ←[SP],PU←[SP−1],GIE←1 INTR Generate an Interrupt [SP]←PL, [SP−1]←PU, SP−2, PC←0FF NOP No OPeration PC←PC+1 www.national.com 48 |