データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

COP8FGR7 データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 COP8FGR7
部品情報  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR7 データシート(HTML) 2 Page - National Semiconductor (TI)

  COP8FGR7 Datasheet HTML 1Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 2Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 3Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 4Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 5Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 6Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 7Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 8Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
I/O Features
n Software selectable I/O options (TRI-STATE®
Output,Push-Pull Output, Weak Pull-Up Input, and High
Impedance Input)
n Schmitt trigger inputs on ports G and L
n Eight high current outputs
n Packages: 28 SO with 24 I/O pins, 40 DIP with 36 I/O
pins, 44 PLCC and PQFP with 40 I/O pins
Fully Static CMOS Design
n Low current drain (typically < 4 µA)
n Two power saving modes: HALT and IDLE
Temperature Range
n −40˚C to +85˚C
Development Support
n Windowed packages for DIP and PLCC
n Real time emulation and full program debug offered by
MetaLink Development System
Block Diagram
DS101116-44
FIGURE 1. COP8FGx Block Diagram
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59