| データシートサーチシステム |
|
AM1705DPTP3 データシート(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1705DPTP3 データシート(HTML) 29 Page - Texas Instruments |
|
29 / 165 page ![]() AM1705 www.ti.com SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014 3.6.19 Unused USB0 (USB2.0) Pin Configurations Table 3-21. Unused USB0 Pin Configurations SIGNAL NAME Configuration (When USB0 is not used) USB0_DM No connect USB0_DP No connect USB0_VDDA33 No connect USB0_VDDA18 No connect USB0_VDDA12 Internal USB0 PHY output connected to an external 0.22 μF filter capacitor, even if USB0 is not used. AHCLKX0/USB_REFCLKIN/ No connect or use as alternate function GP2[11] Copyright © 2010–2014, Texas Instruments Incorporated Device Overview 29 Submit Documentation Feedback Product Folder Links: AM1705 |